|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MPS6515/MMBT6515 MPS6515/MMBT6515 NPN General Purpose Amplifier * This device is designed as a general purpose amplifier and switch. * The useful dynamic range extends to 100mA as a switch and to 100MHz as an amplifier. 1 1. Emitter 2. Base 3. Collector TO-92 3 2 SOT-23 1 Mark: 3J 1. Base 2. Emitter 3. Collector Absolute Maximum Ratings* TC=25C unless otherwise noted Symbol VCEO VCBO VEBO IC TJ, Tstg Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current Junction and Storage Temperature - Continuous Value 25 40 4.0 200 -55 ~ +150 Units V V V mA C * These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations Electrical Characteristics TC=25C unless otherwise noted Symbol Parameter Test Condition IC = 0.5mA, IB = 0 IC =10A, IE = 0 IC = 10A, IC = 0 VCE = 30V, IE = 0 VCB = 30V, IE = 0, T = 60C IC = 2.0mA, VCE = 10V IC = 100mA, VCE = 10V IC = 50mA, IB = 5.0mA VCB = 10V, IE = 0, f = 100kHz 250 150 Min. 25 40 4.0 50 1.0 500 0.5 3.5 V pF Max. Units V V V nA A Off Characteristics Collector-Emitter Breakdown Voltage V(BR)CEO V(BR)CBO V(BR)EBO ICBO ICBO hFE VCE(sat) Cobo Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current DC Current Gain Collector-Emitter Saturation Voltage Output Capacitance On Characteristics * Small Signal Characteristics * Pulse Test: Pulse Width 300s, Duty Cycle 2.0% Thermal Characteristics TA=25C unless otherwise noted Symbol PD RJC RJA Parameter Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Max. MPS6515 625 5.0 83.3 200 357 *MMBT6515 350 2.8 Units mW mW/C C/W C/W * Device mounted on FR-4 PCB 1.6" x 0.06" (c)2003 Fairchild Semiconductor Corporation Rev. A. February 2003 MPS6515/MMBT6515 Package Dimensions TO-92 Dimensions in Millimeters (c)2003 Fairchild Semiconductor Corporation Rev. A. February 2003 MPS6515/MMBT6515 Package Dimensions (Continued) SOT-23 Dimensions in Millimeters (c)2003 Fairchild Semiconductor Corporation Rev. A. February 2003 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TruTranslationTM UHCTM UltraFET(R) VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Preliminary No Identification Needed Full Production Obsolete Not In Production (c)2003 Fairchild Semiconductor Corporation Rev. I2 |
Price & Availability of MMBT6515 |